Part Number Hot Search : 
UPD75328 TM3004 DLM5247B AT89C TEG2411 CLL977A 80C49 EMICO
Product Description
Full Text Search
 

To Download MPZ0603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. chip beads for power line mpz series type: issue date: MPZ0603 [0201 inch]* mpz1005 [0402 inch] mpz1608 [0603 inch] mpz2012 [0805 inch] * dimensions code [eia] september 2011
 all specifications are subject to change without notice. (1/10) 001-05 / 20110928 / e9413_mpz chip beads for power line mpz series MPZ0603 features  this chip bead implements a 0603 shape in its capacity as an emc countermeasure component, and it supports compact devices that need smaller spaces.  this product can cope with a high current due to its low dc resistance. it is also most suitable for lower power consumption.  because of its low dc resistance, it is useful for audio lines.  no cross talk with closed magnet ic circuit structural design.  it is a product conforming to rohs directive. applications removal of power line noises of cellular phones, pcs, note pcs, tv tuners, stbs, audio players, dvds, dscs, dvcs, game machines, digital photo frames, etc. product identification (1) series name (2) dimensions l w (3) material code (4) nominal impedance [at 100mhz] (5) characteristic type (6) packaging style t:taping(reel) handling and precautions  before soldering, be sure to preheat components. the preheat- ing temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150c.  after mounting components onto the printed circuit board, do not apply stress through board bending or mishandling.  do not expose the inductors to stray magnetic fields.  avoid static electricity discharge during handling.  when hand soldering, apply the soldering iron to the printed cir- cuit board only. temperature of the iron tip should not exceed 350c. soldering time should not exceed 3 seconds. shapes and dimensions/recommended pc board patt er n temperature ranges packaging style and quantities recommended soldering condition reflow soldering electrical characteristics ? test equipment : e4991a or equivalent test tool : 16197 or equivalent test temperature: 2510c conformity to rohs directive mpz 0603 s 220 c t (1) (2) (3) (4) (5) (6) operating/storage ?55 to +125c packaging style quantity taping 15000 pieces/reel part no. impedance ( ? )[100mhz] ? dc resistance ( ? )max. rated current (ma)max. MPZ0603s220c 2225% 0.065 1000 MPZ0603s330c 3325% 0.090 750 MPZ0603s470c 4725% 0.120 500 0.1min. 0.3 0.03 0.6 0.03 0.3 0.03 0.30 0.25 0.25 0.30 weight: 0.3mg dimensions in mm natural cooling 10s max. preheating 60 to 120s soldering 30 to 60s 230?c 250 to 260?c 180?c 150?c time(s)  please contact our sales office when your application is considered the following: the device?s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (2/10) 001-05 / 20110928 / e9413_mpz typical electrical characteristics z frequency characteristics MPZ0603s series z, x, r vs. frequency characteristics MPZ0603s220c mpz06 03s330c MPZ0603s470c packaging styles reel dimensions tape dimensions 10000 1000 100 10 1 frequency ( mhz ) 0 impedance ( ? ) 10 20 30 40 50 60 70 80 90 100 MPZ0603s470c MPZ0603s330c MPZ0603s220c 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 10 20 30 40 50 60 70 z x r 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 5 10 15 20 25 30 35 40 45 z x r 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 10 20 30 40 50 60 70 80 90 z x r 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 ?0.0 0.68 0.05 0.5max. 0.38 0.05 8.0 0.3 3.5 0.05 1.75 0.1 4.0 0.1 2.0 0.05 2.0 0.05 sprocket hole cavity 1.5 +0.1 ?0.0 160min. taping 200min. 300min. drawing direction dimensions in mm
 all specifications are subject to change without notice. (3/10) 001-05 / 20110928 / e9413_mpz chip beads for power line mpz series mpz1005 features  tdk has manufactured mpz1005 type as emi countermeasure product for power line.  this type is the best for energy-saving in the low dc resistance.  no cross talk with closed magnet ic circuit structural design.  it is a product conforming to rohs directive. applications removal of power line noises of cellular phones, pcs, note pcs, tvs, tv tuners, stbs, audio players, dvds, dscs, dvcs, game machines, digital photo frames, car navigation system, pnds, etc. product identification (1) series name (2) dimensions l w (3) material code (4) nominal impedance [at 100mhz] (5) characteristic type (6) packaging style t:taping(reel) handling and precautions  before soldering, be sure to preheat components. the preheat- ing temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150c.  after mounting components onto the printed circuit board, do not apply stress through board bending or mishandling.  do not expose the inductors to stray magnetic fields.  avoid static electricity discharge during handling.  when hand soldering, apply the soldering iron to the printed cir- cuit board only. temperature of the iron tip should not exceed 350c. soldering time should not exceed 3 seconds. shapes and dimensions/recommended pc board patt er n temperature ranges packaging style and quantities recommended soldering condition reflow soldering electrical characteristics ? test equipment : e4991a or equivalent test tool : 16192a or equivalent test temperature: 2510c conformity to rohs directive mpz 1005 s 121 c t (1) (2) (3) (4) (5) (6) operating/storage ?40 to +85c packaging style quantity taping 10000 pieces/reel part no. impedance ( ? )[100mhz] ? dc resistance ( ? )max. rated current (a)max. mpz1005s100c 105 ? 0.045 2.0 mpz1005s300c 3010 ? 0.050 1.7 mpz1005s600c 6025% 0.075 1.5 mpz1005s121c 12025% 0.090 1.2 mpz1005y900c 9025% 0.100 1.2 0.1min. 0.5 0.05 1 0.05 0.5 0.05 0.4 0.5 0.5 0.5 weight: 1mg dimensions in mm natural cooling 10s max. preheating 60 to 120s soldering 30 to 60s 230?c 250 to 260?c 180?c 150?c time(s)  please contact our sales office when your application is considered the following: the device?s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (4/10) 001-05 / 20110928 / e9413_mpz typical electrical characteristics z frequency characteristics mpz1005s/mpz1005y series z, x, r vs. frequency characteristics mpz1005s100c mpz10 05s300c mpz1005s600c mpz1005s121c mpz1005y900c packaging styles reel dimensions tape dimensions 10000 1000 100 10 1 frequency ( mhz ) 0 impedance ( ? ) mpz1005y900c mpz1005s600c mpz1005s121c mpz1005s100c mpz1005s300c 50 100 150 200 250 0 10000 1000 100 10 1 impedance ( ? ) frequency ( mhz ) z r x 10 20 30 40 50 0 10000 1000 100 10 1 impedance ( ? ) frequency ( mhz ) z r x 2 4 6 8 10 12 14 16 18 0 100 80 60 40 20 10000 1000 100 10 1 impedance ( ? ) frequency ( mhz ) z r x 0 10000 1000 100 10 1 impedance ( ? ) frequency ( mhz ) z r x 50 100 150 200 0 250 200 100 150 50 10000 1000 100 10 1 impedance ( ? ) frequency ( mhz ) z r x 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 ?0.0 1.15 0.1 0.8max. 0.65 0.1 8.0 0.3 3.5 0.05 1.75 0.1 4.0 0.1 2.0 0.05 2.0 0.05 sprocket hole cavity 1.5 +0.1 ?0.0 160min. taping 200min. 300min. drawing direction dimensions in mm
 all specifications are subject to change without notice. (5/10) 001-05 / 20110928 / e9413_mpz chip beads for power line mpz series mpz1608 features  this type is the best for energy-saving in the low dc resistance.  the products contain no lead and also support lead-free soldering.  it is a product conforming to rohs directive. applications removal of power line noises of cellular phones, pcs, note pcs, tvs, tv tuners, stbs, audio players, dvds, dscs, dvcs, game machines, digital photo frames, car navigation system, pnds, etc. product identification (1) series name (2) dimensions l w (3) material code (4) nominal impedance 221: 220 ? at 100mhz (5) characteristic type (6) packaging style t: taping handling and precautions  before soldering, be sure to preheat components. the preheat- ing temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150c.  after mounting components onto the printed circuit board, do not apply stress through board bending or mishandling.  do not expose the inductors to stray magnetic fields.  avoid static electricity discharge during handling.  when hand soldering, apply the soldering iron to the printed cir- cuit board only. temperature of the iron tip should not exceed 350c. soldering time should not exceed 3 seconds. material characteristics b material: this type is perfectly suited for fast digital signals. by equalizing r components and x components that beads possess at a frequency of 5mhz, it is able to suppress overshooting, undershooting and ringing of fast digital signals. r material: for wide frequency applications calling for broad impedance characteristics. for digital signal line applications calling requiring good waveform integrity. impedance values selected for effectiveness at 10 to 200mhz. s material: standard type that features impedance characteristics similar to those of a typical ferrite core. for signal line applications in which the blocking region is near 100mhz. impedance values selected for effectiveness at 40 to 300mhz. y material: high frequency range type intended for the 100mhz region and above. for signal line applications in which the signal frequency is far from the cutoff frequency. impedance values selected for effectiveness at 80 to 400mhz. d material: for applications calling for low insertion loss at low frequencies and sharply increasing impedance at high frequencies. designed for high impedance at high frequencies (300mhz to 1ghz) for signal line applications. typical material characteristics conformity to rohs directive mpz 1608 s 221 a t (1) (2) (3) (4) (5) (6) 0 500 1000 1500 2000 2500 10 100 1000 frequency(mhz) impedance ( ? ) r s d y b  please contact our sales office when your application is considered the following: the device?s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (6/10) 001-05 / 20110928 / e9413_mpz shapes and dimensions/recommended pc board patt er n temperature ranges packaging style and quantities recommended soldering condition reflow soldering electrical characteristics ? 1 test equipment : e4991a or equivalent test tool : 16192a or equivalent test temperature: 2510c ? 2 please refer to the graph of rated current vs. temperature characteristics(derating) about the rating current at 85c or more in temperature of the product. rated current vs. temperature characteristics (derating) thickness(t) weight 0.60.15mm 3mg 0.80.15mm 4mg operating/storage ?55 to +125c packaging style quantity taping 4000 pieces/reel 0.80.15 t 1.60.15 0.30.2 0.30.2 0.8 0.6 0.6 0.8 dimensions in mm natural cooling 10s max. preheating 60 to 120s soldering 30 to 60s 230?c 250 to 260?c 180?c 150?c time(s) part no. impedance ( ? )[100mhz] ? 1 dc resistance ( ? )max. rated current ? 2 (a)max. thickness t(mm) mpz1608b471a 47025% 0.150 1.0 0.8 mpz1608s300a 3010 ? 0.010 5.0 0.6 mpz1608s600a 6025% 0.020 3.5 0.6 mpz1608s101a 10025% 0.030 3.0 0.6 mpz1608s121a 12025% 0.045 2.0 0.6 mpz1608s181a 18025% 0.050 2.0 0.6 mpz1608s221a 22025% 0.050 2.2 0.8 mpz1608s331a 33025% 0.080 1.7 0.8 mpz1608r391a 39025% 0.120 1.2 0.8 mpz1608s471a 47025% 0.150 1.0 0.8 mpz1608s601a 60025% 0.150 1.0 0.8 mpz1608s102a 100025% 0.300 0.8 0.8 mpz1608y600b 6025% 0.030 2.3 0.8 mpz1608y101b 10025% 0.040 2.0 0.8 mpz1608y151b 15025% 0.050 1.8 0.8 mpz1608y221b 22025% 0.100 1.5 0.8 mpz1608d300b 3010 ? 0.060 1.8 0.8 mpz1608d600b 6025% 0.100 1.2 0.8 mpz1608d101b 10025% 0.150 1.0 0.8 0 1 2 3 4 5 6 ?55 ?35 ?15 5 25 45 65 85 105 125 temperature ( ?c ) rated current ( a ) s300a s600a s101a y600b b471a,s471a,s601a,d101b s102a y221b s331a r391a,d600b s221a y151b,d300b s121a,s181a,y101b
 all specifications are subject to change without notice. (7/10) 001-05 / 20110928 / e9413_mpz typical electrical characteristics z, x, r vs. frequency characteristics mpz1608b471a mpz1608s300a mpz1608s600a mpz1608s101a mpz1608s121a mpz1608s181a mpz1608s221a mpz1608s331a mpz1608r391a mpz1608s471a mpz1608s601a mpz1608s102a 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 5 10 15 20 25 30 35 40 z r x 100 80 60 40 20 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z x r 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 100 200 300 400 500 z r x impedance ( ? ) 1 10 100 1000 10000 frequency ( mhz ) z r x 0 20 40 60 80 100 120 140 160 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 0 50 100 150 200 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 0 50 100 150 200 250 300 300 100 50 150 200 250 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 500 400 300 200 100 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) r x z 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) r x z 0 50 100 150 200 250 300 350 400 450 800 700 600 500 400 300 200 100 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 0 100 200 300 400 500 600 700 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 200 400 600 800 1000 1200 z r x
 all specifications are subject to change without notice. (8/10) 001-05 / 20110928 / e9413_mpz typical electrical characteristics z, x, r vs. frequency characteristics mpz1608y600b mpz1608y101b mpz1608y151b mpz1608y221b mpz1608d300b mpz1608d600b mpz1608d101b packaging styles reel dimensions tape dimensions 300 250 200 150 100 50 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) r x z 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 20 40 60 80 100 120 140 r x z 0 50 100 150 200 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) r x z 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 z r x 50 100 150 200 250 300 350 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 100 200 300 400 500 600 r x z 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) r x z 0 50 100 150 200 250 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) r x z 50 0 100 150 200 250 300 350 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 ?0.0 8.0 0.3 3.5 0.05 1.9 0.2 1.75 0.1 1.1max. 1.1 0.2 4.0 0.1 4.0 0.1 2.0 0.05 1.5 +0.1 ?0.0 sprocket hole cavity 160min. taping 200min. 300min. drawing direction dimensions in mm
 all specifications are subject to change without notice. (9/10) 001-05 / 20110928 / e9413_mpz chip beads for power line mpz series mpz2012 features  the mpz series are multilayer chip impeders for power supply line applications.  high miniaturized, these parts nonetheless exhibit low dc resistance and high current handling capability.  the products contain no lead and also support lead-free soldering.  it is a product conforming to rohs directive. applications removal of power line noises of cellular phones, pcs, note pcs, tvs, tv tuners, stbs, audio players, dvds, dscs, dvcs, game machines, digital photo frames, car navigation system, pnds, etc. product identification (1)series name (2)dimensions l w (3)material code (4)nominal impedance 331: 330 ? at 100mhz (5)characteristic type (6)packaging style t: taping handling and precautions  before soldering, be sure to preheat components. the preheat- ing temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150c.  after mounting components onto the printed circuit board, do not apply stress through board bending or mishandling.  do not expose the inductors to stray magnetic fields.  avoid static electricity discharge during handling.  when hand soldering, apply the soldering iron to the printed cir- cuit board only. temperature of the iron tip should not exceed 350c. soldering time should not exceed 3 seconds. shapes and dimensions/recommended pc board patt er n temperature ranges packaging style and quantities recommended soldering condition reflow soldering conformity to rohs directive mpz 2012 s 331 a t (1) (2) (3) (4) (5) (6) operating/storage ?55 to +125c packaging style quantity taping 4000 pieces/reel 1.25 0.2 0.85 0.2 0.5 0.3 2.0 0.2 weight: 8mg dimensions in mm 1 0.8 0.8 1.2 natural cooling 10s max. preheating 60 to 120s soldering 30 to 60s 230?c 250 to 260?c 180?c 150?c time(s)  please contact our sales office when your application is considered the following: the device?s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (10/10) 001-05 / 20110928 / e9413_mpz electrical characteristics ? 1 test equipment : e4991a or equivalent test tool : 16192a or equivalent test temperature: 2510c ? 2 please refer to the graph of rated current vs. temperature characteristics(derating) about the rating current at 85c or more in temperature of the product. rated current vs. temperature characteristics (derating) typical electrical characteristics z, x, r vs. frequency characteristics mpz2012s300a mpz2012s101a mpz2012s221a mpz2012s331a mpz2012s601a mpz2012s102a packaging styles reel dimensions tape dimensions part no. impedance ( ? )[100mhz] ? 1 dc resistance ( ? )max. rated current ? 2 (a)max. mpz2012s300a 3010 ? 0.010 6 mpz2012s101a 10025% 0.020 4 mpz2012s221a 22025% 0.040 3 mpz2012s331a 33025% 0.050 2.5 mpz2012s601a 60025% 0.100 2 mpz2012s102a 100025% 0.150 1.5 s300a s331a s101a s221a s601a s102a 0 1 2 3 4 5 6 7 ?55 ?35 ?15 5 25 45 65 85 105 125 temperature ( ?c ) rated current ( a ) 50 40 30 20 10 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z x r 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) 0 20 40 60 80 100 120 140 z r x 300 100 50 150 200 250 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 400 350 300 250 200 150 100 50 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 0 100 200 300 400 500 600 700 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 1200 400 200 600 800 1000 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ? ) z r x 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 ?0.0 8.0 0.3 3.5 0.05 1.75 0.1 1.1max. 4.0 0.1 4.0 0.1 2.0 0.05 1.5 +0.1 ?0.0 sprocket hole cavity 2.3 0.2 1.5 0.2 160min. taping 200min. 300min. drawing direction dimensions in mm


▲Up To Search▲   

 
Price & Availability of MPZ0603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X